|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
the compact, low-cost alternative to conventional power measurement solutions keysight technologies u2000 series usb power sensors data sheet
why keysights power meters and sensors? reliable, high-performing solutions every power meter and sensor from keysight technologies, inc. consistently delivers great results. a sure investment for many years to come code-compatibility between power meters reduces the need for re-coding. not only that, all keysight power meters are backward-compatible with most legacy power sensors. one specifc application: one right solution keysight offers a wide selection of power meters and sensors for practically all application needswireless communications, radar pulse measurements, component test, and more. global network support no matter where you are, keysight is committed to giving you the 24-hour support you need regarding our products, applications, or services. keysights power meters have long been recognized as the industry standard for rf and microwave power measurements. 02 | keysight | u2000 series usb power sensors - data sheet compact solutions for testing todays rf and microwave communication systems C lightweight and rugged C simple set-up and usage C portable with low power con - sumption C wide dynamic and frequency ranges C quick and easy testing with large display of readings C internal trigger eliminates the problem for applications that do not have external trigger signal C trace display capability enables easy gate setup C compact build saves rack space C simple set-up and usage C wide dynamic and frequency ranges C fast reading speed C internal zeroing reduces test time and sensor wear-and-tear C quick and easy multiple channels testing with simultaneous display of readings, limits and alerts C seamless integration to system with industry-standard scpi C internal trigger eliminates the problem for tests that do not have external trigger signal C trace display capability enables easy trigger level and gate setup C compact build saves bench space C simple set-up and usage C wide dynamic and frequency ranges C high accuracy C advanced troubleshooting of designs with simultaneous display of multiple readings, measurement math and data recording C internal trigger eliminates the problem for applications that do not have external trigger signal for installation and maintenance of base stations for production testing of wireless components for r&d of wireless components 03 | keysight | u2000 series usb power sensors - data sheet introducing the u2000 series usb power sensors the u2000 series enable simpler, lower-cost power measurements versus conventional power meter and sensor combinations. now with nine high-performance models, the u2000 series usb power sensors offer compact, high-performance solutions for todays cw and modu - lated signals. compact power meters, simple set-up the u2000 series are standalone sensors. that means they essentially operate like power meters, just in smaller forms. no reference calibra - tor is required. the fact that each sensor draws minimal power from a usb portand that it doesnt need additional triggering modules or power adaptors to operatemakes it more portable, especially for base station testing. setting up is easy: just plug it to the usb port of your pc or laptopor even select network or handheld spectrum analyzerand start your power measurements. the fgure below illustrates the very simple, straightforward setup of the u2000 series. high accuracy each u2000 series sensor provides excellent linearity, swr and uncer - tainty specifcations, so you can be confdent in every measurement you make. wide range, high power the u2000 series dynamic range spans across a wide 80 db, taking on high power up to +44 dbm. remote monitoring and tests with the u2000 series sensor plugged to a networked usb hub, you can conveniently monitor power measurements of an antenna tower from the control room, beyond the limits of usb cable lengths. key features C compact, lightweight solu - tions C quick, simple set-up C high accuracy, high power C internal zeroing capability C fast reading speed C wide frequency range: 9 khz to 26.5 ghz (sensor option dependant) C wide dynamic range: C60 to +44 dbm C support internal and exter - nal trigger measurements* C trace display capability en - ables easy trigger level and gate setup for burst signals C allows remote measure - ments beyond cable length C enables monitoring of more than 20 channels simultane - ously C converts select keysight in - struments to power meters C feature-packed software provides various capabilities for easy testing and analysis C average power measure - ments of cw and modulated signals, including gsm, edge, wlan and wimax tm *except u2004a model dut usb sensor trigger signal 04 | keysight | u2000 series usb power sensors - data sheet introducing the u2000 series usb power sensors (continued) faster production testing of multiple channels the u2000 series fast measurement speed helps reduce test time. this, coupled with the capability to enable monitoring of more than 20 channels simultaneously, is an advantage in the production line where effciency is of utmost priority. the u2000 series has both internal and external zeroing capabilities. with internal zeroing, high isolation switches in the sensor are opened to isolate the sensor from the device- under-test (dut) it is connected to. as such, you dont need to power-off the dut or disconnect the sensors. this speeds up testing and reduces sensor wear-and-tear. no manual input of calibration data is required. all calibration factors, as well as temperature and linearity corrections, are stored in the sensors eeprom, auto-downloaded at calibration. often times, youd need to automate your tests. the u2000 series sensors are well-equipped for seamless inte - gration to your system with industry- standard scpi compatibility. they also come with built-in triggering capability to allow receipt of external triggers from other instruments. transform your signal generators and spectrum analyzers into accurate power meters you could literally have a power meter next to youor instead, turn your key - sight mxg signal generator or n9340a/b handheld spectrum analyzer into a power meter for accurate power measurements. even with the u2000 con - nected, you can switch between power measurements and the devices original function at any time. you can also use the u2000 with your keysight pna network analyzer for source power calibration. intuitive power analysis software the n1918a power analysis manager software not only displays measurements with the u2000 series, it also provides various features and functions to help you monitor and troubleshoot signals effciently and effectively. the u2000 series is also supported by the keysight benchvue software (version 3.0 and above). benchvue makes it easy to control your power meter to log data and visualize measurements in a wide array of display options without any programming. this software is available on the keysight instrument control dvd, which is included with each sensor. you can download the latest version of the software cost free at www.keysight.com/fnd/benchvue. upgrading to the paid bench - vue power meter pro version (BV0007A) provides unrestricted data logging. keysight recommends that you use the benchvue software for new projects or applications. 05 | keysight | u2000 series usb power sensors - data sheet take a closer look diode-based sensors frequently rely on the application of correc - tion factors to extend their dynamic range beyond their square-law region, typically in the range of C70 to C20 dbm. while this technique achieves measurement of cw signals over a wide dynamic range, it fails to do so for modulated signals when the signal level is above the square-law region. modulated signals must be padded down, with their average and peak power levels within the diode square-law region, for accurate aver - age power measurement. the u2000 series usb power sensors are true-average, wide-dynamic- range rf/microwave power sensors, based on a dual-sensor diode pair/ attenuator/diode pair topology as proposed by szente et. al. in 1990 1 . the simplifed block diagram shown here illustrates this technique. this technique ensures diodes in the selected signal path are kept in their square law regionwith output cur - rent and voltage proportional to input power. the diode pair/attenuator/ 1. us patent #4943764, assigned to hewlett-packard company 2. november 1986 hewlett-packard journal pages 14-2, diode integrated circuits for millimeter-wave applications 3. refer to maximum power on page 9 for maximum power handling specifcations rf in low sense + low sense C high sense + high sense C diode pair assembly can then yield the average of complex modulation formats across a wide dynamic range, irrespective of signal bandwidth. the dual-range modifed barrier integrated diode (mbid) 2 package incorporates diode stacks in place of single diodes. this further improves measurement accuracy of high-level signals with high crest factors with - out incurring damage 3 to the sensor. implementation of both techniques in the u2000 series usb sensors enable effective average power mea - surements of a wide range of signals, including multitone and spread spec - trum signals used in cdma, w-cdma and digital television sytems. built-in triggering port for synchronization with external instruments or events led indicator for pc communication small and lightweight build secure locking mechanism usb 2.0-compliant cable for connection to pc or other instruments 06 | keysight | u2000 series usb power sensors - data sheet specifcations specifcations contained in this chapter are valid only after proper calibration of the power sensor and apply to continuous wave (cw) signals unless otherwise stated. the recommended calibration interval for this product is one year. specifca - tions apply over a temperature range 0 to +55 c unless otherwise stated. specifcations quoted over a tem - perature range of 25 c 10 c apply to a relative humidity of 15% to 75% and conform to the standard environ - mental test conditions. specifcations are valid after a 30-minute warm-up period. supplemental characteristics, shown in italics, are intended to provide useful information with regard to ap - plying the power sensors in that they contain typical, but non-warranted performance parameters. these characteristics are shown in italics or denoted as typical , nominal or approximate . measurement speed normal: 20 readings/s x2: 40 readings/s fast: 110 readings/s buffered (50 readings): 1000 readings/s 1 the u2000 series usb sensors have two measurement modes: average only mode (default mode): optimized for wide dynamic range. in this measurement mode, a trigger can be controlled externally via ttl input. normal 2 mode: used for making aver - age power measurement in a defned time interval (time-gated measure - ment) with reduced dynamic range. a trigger can be derived from an rf signal (internal trigger) or controlled externally via ttl input (external trigger). 1. the 1000 reading/s is the derived measurement speed from the frst 50 readings in buff - ered mode. the maximum number of measurements that can be obtained in one second is 250 readings in buffered mode. 2. not applicable for u2004a. frequency and power ranges model frequency range power range maximum power u2000a 10 mhz to 18 ghz 60 to 20 dbm 25 dbm avg 20 dc 33 dbm pk 10 s u2001a 10 mhz to 6 ghz u2002a 50 mhz to 24 ghz u2004a khz to 6 ghz 60 to 20 dbm 25 dbm avg 5 dc 33 dbm pk 10 s u2000b 10 mhz to 18 ghz 30 to 44 dbm 45 dbm avg 20 dc 4 dbm pk 1 s u2001b 10 mhz to 6 ghz u2000h 10 mhz to 18 ghz 50 to 30 dbm 33 dbm avg 20 dc 50 dbm pk 1 s u2001h 10 mhz to 6 ghz u2002h 50 mhz to 24 ghz 50 to 30 dbm 33 dbm avg 10 dc 50 dbm pk 1 s maximum swr model frequency range maximum swr (25 c 10 c) maximum swr (0 c to 55 c) u2000a 10 to 30 mhz 30 mhz to 2 ghz 2 to 14 ghz 14 to 16 ghz 16 to 18 ghz 115 113 11 122 126 121 115 120 123 12 u2001a 10 to 30 mhz 30 mhz to 2 ghz 2 to 6 ghz 115 113 11 121 115 120 u2002a 50 mhz to 2 ghz 2 to 14 ghz 14 to 16 ghz 16 to 18 ghz 18 to 24 ghz 113 11 122 126 130 115 120 123 12 130 u2004a khz to 2 ghz 2 to 6 ghz 113 11 115 120 u2000b 10 mhz to 2 ghz 2 to 124 ghz 124 to 18 ghz 112 11 124 114 118 125 u2001b 10 mhz to 2 ghz 2 to 6 ghz 112 11 114 118 u2000h 10 mhz to 8 ghz 8 to 124 ghz 124 to 18 ghz 115 125 128 11 126 12 u2001h 10 mhz to 6 ghz 115 11 u2002h 50 mhz to 8 ghz 8 to 124 ghz 124 to 18 ghz 18 to 24 ghz 115 125 128 130 11 126 12 131 07 | keysight | u2000 series usb power sensors - data sheet specifcations (continued) typical swr for u2001a sensor (25 c 10 c) typical swr for u2000a sensor (25 c 10 c) typical swr for u2002a sensor (25 c 10 c) 08 | keysight | u2000 series usb power sensors - data sheet specifcations (continued) typical swr for u2004a sensor (25 c 10 c) typical swr for u2000h sensor (25 c 10 c) typical swr for u2001h sensor (25 c 10 c) typical swr for u2000b sensor (25 c 10 c) typical swr for u2001b sensor (25 c 10 c) typical swr for u2002h sensor (25 c 10 c) 09 | keysight | u2000 series usb power sensors - data sheet specifcations (continued) switching point the u2000 series power sensors have two measurement paths: a low power path and a high power path, as shown in the table below. models auto (default) range low power path high power path switching point u2000/1/2/4a C60 to +20 dbm C60 to C7 dbm C7 to +20 dbm C7 dbm u2000/1/2h C50 to +30 dbm C50 to +3 dbm +3 to +30 dbm +3 dbm u2000/1b C30 to +44 dbm C30 to +23 dbm +23 to +44 dbm +23 dbm each power sensor automatically selects the proper power level path. to avoid unnecessary switching when the power level is close to the switch - ing point, switching point hysteresis has been added. offset at switching point: 0.5% ( 0.02 db) typical switching point hysteresis: 0.5 dbm typical example with u2000 a suffx sensors: switching point for the u2000/1/2/4a sensors is at C7 dbm. hysteresis causes the low power path to remain selected until approxi - mately C6.5 dbm as the power level is increased. above this power, the high power path is selected. the high power path remains selected until approximately C7.5 dbm is reached as the signal level decreases. below this power, the low power path is selected. power accuracy average only mode power accuracy 1 (with exclusions) model power range accuracy 1 (25 c 10 c) accuracy 1 (0 c to 55 c) u2000/1/2/4a C60 to +20 dbm 3.0% 3.5% u2000/1/2h C50 to +30 dbm 4.0% 5.0% u2000/1b C30 to +44 dbm 3.5% 4.0% specifcations valid with the following conditions: C after zeroing 3 C number of averages = 1024 C after 30 minutes of power-on warm-up normal mode power accuracy 1, 2 (with exclusions) model power level accuracy (25 c 10 c) u2000/1/2/a C30 to +20 dbm 4.0% u2000/1/2h C20 to +30 dbm 5.0% u2000/1b 0 to +44 dbm 4.5% 1. this accuracy is essentially a combination of linearity, instrumentation accuracy, and traceability to absolute accuracy at 50 mhz, 0 dbm. note: mismatch uncertainty, calibration factor uncertainty, and power level dependent terms (zero set, drift, and noise) are excluded in this specifcation and specifed elsewhere in the data sheet. 2. the accuracy for C7 to +1 dbm (u2000/1/2a), +3 to +11 dbm (u2000/1/2h), and +23 to +31 dbm (u2000/1b) power level will be dominated by zero set and measurement noise. for overall accuracy, refer to the measurement uncertainty calculator which is available on the keysight technologies web site. 3. it is advisable to perform external zeroing on the u2000 series power sensor for power measurement level below C30 dbm. during the exter - nal zeroing process, the rf input signal must be switched off or the device-under-test disconnected from the u2000 series power sensor. 10 | keysight | u2000 series usb power sensors - data sheet specifcations (continued) typical power accuracy at 25 c for u2000/1/2/4a sensors 1, 2 typical power accuracy at 25 c for u2000/1/2h sensors 1, 2 typical power accuracy at 25 c for u2000/1b sensors 1, 2 1. measurement uncertainty 1.9%. at room temperature and excluding power level dependent terms (zero set, drift, and noise). refer to keysight fundamentals of rf and microwave power measurements (part 3) power measurement uncertainty per international guide (application note 1449-3), 5988-9215en for more information on measurement uncertainty. 2. after zeroing, 30 minutes of power-on warm-up, and 1024 averages. 11 | keysight | u2000 series usb power sensors - data sheet specifcations (continued) zero set, zero drift, and measurement noise average only mode power range 1 zero set (internal) zero set (external) zero drift 2 measurement noise 3 u2000/1/2/4a C60 to C35 dbm C38 to C15 dbm C20 to C6.5 dbm C7.5 to C2 dbm C4 to 15 dbm 10 to 20 dbm 1.5 nw 2 nw 12 nw 2 w 4 w 6 w 600 pw 1.5 nw 10 nw 500 nw 1 w 5 w 200 pw 400 pw 1.5 nw 50 nw 500 nw 2 w 1 nw 1.5 nw 15 nw 650 nw 1 w 10 w u2004a C60 to C35 dbm C38 to C15 dbm C20 to C6.5 dbm C7.5 to C2 dbm C4 to 15 dbm 10 to 20 dbm 2.8 nw 3 nw 12 nw 2 w 4 w 6 w 600 nw 1.5 nw 10 nw 500 w 1 w 5 w 200 nw 400 nw 1.5 nw 50 nw 500 w 2 w 1 nw 1.5 nw 15 nw 650 w 1 w 10 w u2000/1/2h C50 to C25 dbm C28 to C5 dbm C10 to 3.5 dbm 2.5 to 8 dbm 6 to 25 dbm 20 to 30 dbm 15 nw 20 nw 120 nw 20 w 40 w 60 w 8 nw 20 nw 100 nw 20 w 30 w 60 w 2 nw 4 nw 15 nw 500 nw 5 w 20 w 10 nw 15 nw 150 nw 6.5 w 10 w 100 w u2000/1b sensors C30 to C5 dbm C8 to 15 dbm 10 to 23.5 dbm 22.5 to 28 dbm 26 to 44 dbm 1.8 w 2 w 12 w 2 mw 4 mw 800 nw 2 w 10 w 1 mw 2 mw 200 nw 400 nw 1.5 w 50 nw 500 w 1 w 1.5 w 15 w 650 w 1 mw 1. condition: (i) 0 to 55 c and (ii) 95% relative humidity at 40 c non-condensing. 2. within one hour after zero set, at a constant temperature, after a 24-hour warm-up of the power sensor. 3. the number of averages at 1 for normal speed, gate length of 2.27 ms, measured over one minute interval and two standard deviations. 12 | keysight | u2000 series usb power sensors - data sheet normal mode range 1 zero set (internal) zero set (external) zero drift 2 measurement noise 3 noise per sample 4 u2000/1/2a C38 to C15 dbm C20 to C6.5 dbm C7.5 to C2 dbm C4 to 15 dbm 10 to 20 dbm 47 nw 530 nw 30 w 32 w 270 w 43 nw 480 nw 27 w 30 w 200 w 25 nw 230 nw 19 w 24 w 110 w 28 nw 300 nw 20 w 21 w 180 w 90 nw 1 w 55 w 85 w 550 w u2000/1/2h C28 to C5 dbm C10 to 3.5 dbm C2.5 to 8 dbm 8 to 25 dbm 20 to 30 dbm 730 nw 5.3 w 330 w 440 w 3.9 w 500 nw 4.8 w 270 w 300 w 2.8 mw 300 nw 3 w 190 w 300 w 1.1 mw 310 nw 5 w 230 w 260 w 2.8 mw 900 nw 10 w 550 w 850 w 5.5 mw u2000/1b C8 to 15 dbm 10 to 23.5 dbm 22.5 to 28 dbm 26 to 44 dbm 47 nw 530 nw 30 w 32 w 43 w 480 w 27 mw 34 mw 25 w 230 w 19 mw 24 mw 28 w 300 w 20 mw 21 mw 90 w 1 mw 55 mw 85 mw 1. condition: (i) 0 to 55 c and (ii) 95% relative humidity at 40 c non-condensing. 2. within one hour after zero set, at a constant temperature, after a 24-hour warm-up of the power sensor. 3. the number of averages at 1 for normal speed, gate length of 2.27 ms, measured over one minute interval and two standard deviations. 4. the noise per sample specifcation is only applicable for gated power working range stated in the normal mode key specifcations and characteristics table. specifcations (continued) 13 | keysight | u2000 series usb power sensors - data sheet specifcations (continued) effects of averaging on noise: averaging over 1 to 1024 readings is available for reducing noise. the table below provides the measure - ment noise for a particular sensor with the number of averages set at 16 (for normal mode) and 32 (for x2 mode). use the noise multiplier, for the appropriate of averages, to determine the total measurement noise value. average only mode number of averages 1 2 4 8 16 32 64 128 256 512 1024 noise multiplier normal mode x2 mode 2.0 2.7 1.8 2.4 1.7 2.0 1.5 1.6 1.0 1.0 0.95 0.91 0.74 0.78 0.55 0.53 0.39 0.34 0.29 0.29 0.21 0.20 example: u2000a power sensor, C60 to C35 dbm, normal mode, number of averages = 4 measurement noise calculation: 1 nw x 1.7 = 1.7 nw effect of time-gating and averaging on normal mode measurement noise: the normal mode measurement noise wil depend on the gate length (time-gated period in second) and the number of averages. the noise can be approximately calculated with the following equations. if the gate length is < 2.73 s, use equation 1: noise = noise per sample 1 number of averages otherwise, use equation 2: noise = noise per sample 1 4 1/4 number of averages ( gate length/(0.68 s) ) note: if the noise value obtained from equation 1 or 2 is lower than the measurement noise specification, use the value as specified in the measurement noise table. 14 | keysight | u2000 series usb power sensors - data sheet specifcations (continued) settling time manual flter, 10-db decreasing power step (not across switching points) number of averages 1 2 4 8 16 32 64 128 256 512 1024 settling time (s) normal speed x2 speed 0.045 0.042 0.09 0.05 0.17 0.09 0.34 0.17 0.66 0.34 1.3 0.66 2.6 1.3 5.2 2.6 10.4 5.2 20.9 10.4 41.9 20.9 1. when a power step crosses through the sensors auto-range switching point, add 25 ms settling time with auto flter, default resolution, and a 10 db decreasing power step (not across the switching point) settling time = 25 ms* auto flter, default resolution, 10-db decreasing power step typical settling times x2 speed normal speed 45 ms 45 ms 82 ms 90 ms 1.3 s 2.6 s 1.5 s 2.7 s 450 ms 460 ms 1.6 s 2.8 s 20 s 39 s 24 s 42 s 24 s 42 s u2000/1/2/4a u2000/1/2h u2000/1b +10 dbm +2 dbm C4 dbm C10 dbm C20 dbm C30 dbm C40 dbm C50 dbm +20 dbm +12 dbm +6 dbm 0 dbm C10 dbm C20 dbm C30 dbm C40 dbm +40 dbm +32 dbm +26 dbm +20 dbm +10 dbm 0 dbm C10 dbm C20 dbm sensor dynamic range maximum dbm minimum dbm low power path high power path 15 | keysight | u2000 series usb power sensors - data sheet specifcations (continued) calibration factor and refection coeffcient calibration factor (cf) and refection coeffcient (rho) data is unique to each sensor. the cf corrects for the frequency response of the sensor. the refection coeffcient (rho or ) relates to the swr based on the following formula: swr = 1 + 1 C maximum uncertainties of the cf data are listed in the following table. there is only one set of cf data used for both high and low power paths of each sensor. the uncertainty analysis for the cali - bration data was done in accordance with the iso guide. the uncertainty data reported on the calibration cer - tifcate is the expanded uncertainty with a 95% confdence level and a coverage factor of 2. frequency uncertainty (%) (25 c 10 c) u2000a sensor 10 to 30 mhz 30 mhz to 2 ghz 2 to 14 ghz 14 to 16 ghz 16 to 18 ghz 1.8 1.6 2.0 2.2 2.2 u2001a sensor 10 to 30 mhz 30 mhz to 2 ghz 2 to 6 ghz 1.8 1.6 2.0 u2002a sensor 50 mhz to 2 ghz 2 to 14 ghz 14 to 16 ghz 16 to 18 ghz 18 to 24 ghz 2.0 2.5 2.7 2.7 3.0 u2004a sensor 9 khz to 2 ghz 2 to 6 ghz 1.8 1.8 u2000b sensor 10 mhz to 2 ghz 2 to 12.4 ghz 12.4 to 18 ghz 1.8 2.0 2.2 u2001b sensor 10 mhz to 2 ghz 2 to 6 ghz 1.8 2.0 u2000h sensor 10 mhz to 8 ghz 8 to 12.4 ghz 12.4 to 18 ghz 2.0 2.0 2.2 u2001h sensor 10 mhz to 6 ghz 2.0 u2002h sensor 50 mhz to 8 ghz 8 to 12.4 ghz 12.4 to 18 ghz 18 to 24 ghz 2.5 2.5 2.7 3.0 16 | keysight | u2000 series usb power sensors - data sheet specifcations (continued) trigger internal trigger resolution 0.1 db level accuracy 1 db jitter 1 s external ttl trigger input impedance 50 or 1 k 1 trigger low < 1.1 v trigger high > 1.9 v minimum trigger pulse width 35 ns minimum trigger repetition period 80 ns trigger latency 11 s 2 s trigger delay range C0.15 to + 0.15 s resolution 1 s trigger hold-off range 1 s to 400 ms resolution 1 s trigger hysteresis range 0 to +3 db resolution 0.1 db normal mode key specifcations and characteristics parameters 2 performance maximum video bandwidth 40 khz minimum rise time 40 s minimum fall time 40 s range settling time 150 s minimum pulse width 200 s sampling rate 1.47 msps maximum capture length 150 ms maximum pulse repetition rate 150 khz dynamic range u2000/1/2a: C30 to +20 dbm u2000/1/2h: C10 to +30 dbm u2000/1b: 0 to +44 dbm 1. this is only available for option u2001a-h16 2. not applicable for u2004a 17 | keysight | u2000 series usb power sensors - data sheet specifcations (continued) general specifcations physical characteristics dimensions (lxwxh) u2000/1/4a: 163.75 mm x 46.00 mm x 35.90 mm u2002a: 134.37 mm x 46.00 mm x 35.90 mm u2000/1b: 308.00 mm x 115.00 mm x 84.00 mm u2000/1h: 207.00 mm x 46.00 mm x 36.00 mm u2002h: 164.00 mm x 46.00 mm x 36.00 mm weight u2000/1/4a: 0.262 kg u2002a: 0.226 kg u2000/1b: 0.762 kg u2000/1h: 0.324 kg u2002h: 0.274 kg operating environment temperature 0 c to 55 c humidity up to 95% relative humidity at 40 c (non-condensing) altitude up to 4600 m (15,000 ft) pollution degree 2 storage and shipment environment sensor should be stored in a clean, dry environment temperature C30 c to +70 c humidity up to 90% relative humidity at 65 c (non-condensing) altitude up to 4600 m (15,000 ft) pollution degree 2 other current requirement 200 ma max (approximately) connector u2000/1/4a, u2000/1h, u2000/1b: n-type (m), 50 u2002a, u2002h: 3.5 mm (m), 50 cable usb 2.0 type a to 5-pin mini-b programmability scpi , keysight vee, labview, microsoft ? visual basic safety and emc compliance iec 61010-1:2001/en 61010-1:2001 (2nd edition) iec 61326:2002 / en61326:1997+a1:1998+a2:2001+a3:2003 canada: ices-001:2004 australia/new zealand: as/nzs cispr11:2004 calibration 1 1 year warranty 1 3 years compatible instruments keysight n9340a/b handheld spectrum analyzers keysight mxg signal generators keysight pna, pna-l and pna-x series performance network analyzers 1. see ordering information for available options 18 | keysight | u2000 series usb power sensors - data sheet using the u2000 series with the n1918a power analysis manager the n1918a software is available in two versions: the basic power panel and advanced power ana - lyzer. power analyzer provides full access to the softwares complete features and capabilities and its li - power panel (basic) power analyzer (advanced) measurement displays compact mode display soft panel (digital) display (enhanced with limits and alerts notifcation) gauge (analog) display (enhanced with limits and alerts notifcation) strip chart display trace graph display multiple tabs x multiple display per tab multilist graph functions single marker (up to 2 markers per graph) (up to 10 markers per graph) dual marker (one set of markers per graph 1 ) (up to 5 sets of markers per graph) graph autoscaling graph zooming measurement math (delta, ratio) (delta, ratio) (continued) censes, n1918a-100 (pc license) and n1918a-200 (usb dongle license), are available for purchase separately. a free, fully functional trial version of the power analyzer automatically runs for 30 days upon installation from the bundled n1918a power analysis manager cd. the table here shows functions accessible with each version when used with the u2000 series. 1. applies to usage with p-series power meters 19 | keysight | u2000 series usb power sensors - data sheet display units: absolute: watts or dbm relative: percent or db display resolution: resolution of 1.0, 0.1, 0.01 and 0.001 db in log mode; one to four digits in linear mode default resolution: 0.01 db in log mode; three digits in linear mode zero: for performing internal and external zeroing range: sensor-dependent, confgurable in 1-khz steps 2. recording time for trace graphs may vary based on trace graph settings (continued) power panel (basic) power analyzer (advanced) save/load fle functions save measurement data (with timestamp) (applies to strip chart display; up to 10,000 data points) (applicable in strip chart and trace graph) load measurement data (applicable in strip chart and trace graph) (applicable in strip chart and trace graph) data recording 2 (with timestamp) x (applicable in trace graph 2 , soft panel, strip chart, and gauge) instrument settings options save and restore instrument setting time-gated measurements instrument preset settings fdo table parameters measurement limit and alert functions limit and alert notifcation x alert summary x support function print application screen relative: displays all successive measure - ments relative to the last referenced value offset: allows power measurements to be offset by C100 db to +100 db, con - fgurable in 0.001 db increments, to compensate for external loss or gain duty cycle: duty cycle values between 0.001% to 99.999% can be entered in incre - ments of 0.01% to display a pulse power representation of measured power. the following equation is used to calculate the displayed pulse power value: pulse power = measured power/duty cycle limits: high and low limits can be set in the range between C150.00 dbm to +230.000 dbm, in 0.001 dbm increments preset default values: channel offset (db) = 0, duty cycle off, frequency 50 mhz, auto aver - age, auto range, free run mode, dbm mode using the u2000 series with the n1918a power analysis manager (continued) 20 | keysight | u2000 series usb power sensors - data sheet using the u2000 series with the n1918a power analysis manager (continued) system requirements hardware processor desktop pc: 1.3 ghz pentium iv or higher recommended laptop pc: 900 mhz pentium m or higher recommended ram 512 mb (1.0 gb or higher recommended) hard disk space 1.0 gb or more free disk space at runtime resolution 800 x 600 or higher (1280 x 1024 recommended) operating system and browser operating system windows 8 32-bit and 64-bit windows 7 32-bit and 64-bit windows vista 32-bit 1 windows xp professional 32-bit service pack 2 or higher 2 browser microsoft internet explorer 5.1 (6.0 or higher recommended) software keysight io libraries suite version 15.5 3 or higher microsoft .net framework runtime version 2.0 microsoft visual c++ 2005 runtime libraries 4 version 1.0 or higher 1. supports usb license key only 2. supports both pc licensing and usb license key 3. available on the keysight automation-ready cd-rom. keysight io libraries suite 15.5 is required if your pc is running on windows vista 32-bit operating system. 4. bundled with n1918a power analysis manager cd 21 | keysight | u2000 series usb power sensors - data sheet digital meter, analog meter and datalog view supported functionality measurement displays digital meter analog meter data log view trace view (up to 4 channels or traces on one graph) multilist with ratio/delta function compact mode display graph functions single marker (up to 5 markers per graph) dual marker (up to 2 sets of markers per graph) graph autoscaling graph zooming gate measurement analysis (up to 4-pair of gates) pulse characterization func - tions 17-point automatic pulse parameters characterization instrument settings save and recall instrument state including graph settings instrument preset settings fdo tables full instrumentation control include frequency/average/trigger settings, zero, etc. limit and alert function sensors limit and alert notifcation alert summary export data or screen shots data logging up to 1 hour (hdf5/matlab/microsoft excel/microsoft word/csv) save screen capture (png/jpeg/bmp) using the u2000 series with the benchvue software keysight benchvue software for the pc accelerates testing by providing intuitive, multiple instrument mea - surement visibility and data capture with no programming necessary. you can derive answers faster than ever by easily viewing, capturing and exporting measurement data and screen shots. 22 | keysight | u2000 series usb power sensors - data sheet system and installation requirements pc operating system windows 8 and 7 windows 8 32-bit and 64-bit (core, professional, enterprise) windows 7 sp1 and later 32-bit and 64-bit (professional, enterprise, ultimate) computer hardware professor: 1 ghz or faster (2 ghz or greater recommended) ram: 1 gb (32-bit) or 2 gb (64-bit) (3 gb or greater recommended) windows xp sp3 32-bit (professional) processor: 600 mhz or faster (1 ghz or greater recommended) ram: 1 gb (2 gb or greater recommended) interfaces usb, gpib, lan, rs-232 display resolution 1024 x 768 minimum for single instrument view (higher resolutions are recommended for multiple instrument view) additional requirements software: benchvue requires a visa (keysight or national instruments) when used to connect to physical instruments. keysight io libraries, which contains the necessary visa, will be installed automatically when benchvue is installed. io libraries information is available at: www.keysight.com/fnd/iosuite 23 | keysight | u2000 series usb power sensors - data sheet ordering information power sensors models description power range connector type u2000a 10 mhz to 18 ghz usb sensor C60 to +20 dbm n-type male, 50 ? u2000b 10 mhz to 18 ghz usb sensor C30 to +44 dbm n-type male, 50 ? u2000h 10 mhz to 18 ghz usb sensor C50 to +30 dbm n-type male, 50 ? u2001a 10 mhz to 6 ghz usb sensor C60 to +20 dbm n-type male, 50 ? u2001b 10 mhz to 6 ghz usb sensor C30 to +44 dbm n-type male, 50 ? u2001h 10 mhz to 6 ghz usb sensor C50 to +30 dbm n-type male, 50 ? u2002a 50 mhz to 24 ghz usb sensor C60 to +20 dbm 3.5 mm male, 50 ? u2002h 50 mhz to 24 ghz usb sensor C50 to +30 dbm 3.5 mm male, 50 ? u2004a 9 khz to 6 ghz usb sensor C60 to +20 dbm n-type male, 50 ? options and accessories u2001a-h03 u2001a-h16 u2001a-h25 u2002a-h26 u2001a sensor with extended frequency range, 3 mhz to 6 ghz with 1k ohms input trigger impedance. higher impedance is typically required when several instruments input trigger ports are connected in parallel for triggering purpose. standard option has 50 ohms input trigger impedance. u2001a sensor with extended power range, C60 dbm to +25 dbm u2002a sensor with extended frequency range, 10 mhz to 26.5 ghz standard-shipped accessories trigger cable bnc male to smb female 50 ?, 1.5 m power sensor cable: 1.5 m, 3.0 m, or 5.0 m u2000 series usb power sensor documentation cd n1918a power analysis manager assembly keysight instrument control dvd (contains io libraries suite, command expert and benchvue software) warranty 3-years, return-to-keysight warranty and service plan for the u2000 series usb power sensors 3 months for standard-shipped accessories 24 | keysight | u2000 series usb power sensors - data sheet ordering information (continued) accessories, calibration and documentation options cables description u2031a usb 2.0 type a to 5-pin mini-b cable with secure locking mechanism, 1.5 m (5 ft) u2031b usb 2.0 type a to 5-pin mini-b cable with secure locking mechanism, 3.0 m (10 ft) u2031c usb 2.0 type a to 5-pin mini-b cable with secure locking mechanism, 5.0 m (16.4 ft) u2032a bnc (m) to smb (f) trigger cable, 1.5 m, 50 w travel kits description u2000a-201 transit case 1 u2000a-202 soft carrying case u2000b-201 transit case 2 u2000a-204 soft carrying pouch hanging kit description u2000a-203 holster calibration description option 1a7 iso 17025 calibration with test data option a6j ansi z540 calibration with test data warranty description option r-51b-001-5z warranty assurance plan - return to keysight - 5 years documentation description option ob1 english language operating and service guide option abd german language operating and service guide option abe spanish language operating and service guide option abf french language operating and service guide option abj japanese language operating and service guide option abz italian language operating and service guide option ab2 simplifed chinese language operating and service guide software description n1918a-10 0 power analyzer version of n1918a power analysis manager software (pc license) n1918a-200 power analyzer version of n1918a power analysis manager software (usb dongle license) BV0007A benchvue power meter pro app license complementary i/o connectivity hardware description e5813a 3 networked 5-port usb hub 1. u2000a-201 transit case for a model only. 2. u2000b-201 transit case for b and h model 3. refer to www.keysight.com/fnd/e5813a for more information on the device u2000a/b-201 transit case u2000a-202 soft carrying case u2000a-203 holster u2000a-204 soft carrying pouch 25 | keysight | u2000 series usb power sensors - data sheet 26 | keysight | u2000 series usb power sensors - data sheet mykeysight www.keysight.com/find/mykeysight a personalized view into the information most relevant to you. three-year warranty www.keysight.com/find/threeyearwarranty keysights committed to superior product quality and lower total cost of ownership. keysight is the only test and measurement company with three-year warranty standard on all instruments, worldwide. and, we provide a one-year warranty on many accessories, calibration devices, systems and custom products. keysight assurance plans www.keysight.com/find/assuranceplans up to ten years of protection and no budgetary surprises to ensure your instruments are operating to specification, so you can rely on accurate measurements. keysight infoline www.keysight.com/find/service keysights insight to best in class information management. free access to your keysight equipment company reports and e-library. keysight channel partners www.keysight.com/find/channelpartners get the best of both worlds: keysights measurement expertise and product breadth, combined with channel partner convenience. www.keysight.com/find/usbsensor from hewlett-packard through agilent to keysight for more than 75 years, weve been helping you unlock measurement insights. our unique combination of hardware, software and people can help you reach your next breakthrough. unlocking measurement insights since 1939. 1939 the future for more information on keysight technologies products, applications or services, please contact your local keysight office. the complete list is available at: www.keysight.com/find/contactus americas canada (877) 894 4414 brazil 55 11 3351 7010 mexico 001 800 254 2440 united states (800) 829 4444 asia pacifc australia 1 800 629 485 china 800 810 0189 hong kong 800 938 693 india 1 800 11 2626 japan 0120 (421) 345 korea 080 769 0800 malaysia 1 800 888 848 singapore 1 800 375 8100 taiwan 0800 047 866 other ap countries (65) 6375 8100 europe & middle east austria 0800 001122 belgium 0800 58580 finland 0800 523252 france 0805 980333 germany 0800 6270999 ireland 1800 832700 israel 1 809 343051 italy 800 599100 luxembourg +32 800 58580 netherlands 0800 0233200 russia 8800 5009286 spain 800 000154 sweden 0200 882255 switzerland 0800 805353 opt. 1 (de) opt. 2 (fr) opt. 3 (it) united kingdom 0800 0260637 for other unlisted countries: www.keysight.com/find/contactus (bp- 02-10-16) dekra certified iso9001 quality management system www.keysight.com/go/quality keysight technologies, inc. dekra certified iso 9001:2015 quality management system this information is subject to change without notice. ? keysight technologies, 2011 - 2016 published in usa, march 23, 2016 5989-6278en www.keysight.com |
Price & Availability of BV0007A |